|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
GUF30A THRU GUF30M SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A FEATURE High temperature metallurgically bonded construction Sintered glass cavity free junction Capability of meeting environmental standard of MIL-S-19500 High temperature soldering guaranteed 350C /10sec/0.375"lead length at 5 lbs tension Operate at Ta =55C with no thermal run away Typical Ir<0.2A Low power loss, high efficient DO-201AD - MECHANICAL DATA Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: color band denotes cathode Mounting position: any Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated) SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8"lead length at Ta =55C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at rated Forward Current and 25C Maximum full load reverse current full cycle average at 55C Ambient Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Ta =125C Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 3) Storage and Operating Temperature Range Vrrm Vrms Vdc If(av) Ifsm Vf Ir(av) Ir Trr Cj R(ja) Tstg, Tj 50 17 40 -65 to +175 1.1 GUF 30A 50 35 50 GUF 30B 100 70 100 GUF 30D 200 140 200 GUF 30F 300 210 300 3.0 150 1.4 100 5 50 75 15 50 1.7 GUF 30G 400 280 400 GUF 30J 600 420 600 GUF 30K 800 560 800 GUF 30M 1000 700 1000 units V V V A A V A A A nS pF C /W C Note: 1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 3. Thermal Resistance from Junction to Ambient at 3/8"lead length, P.C. Board Mounted Rev.A5 www.gulfsemi.com RATINGS AND CHARACTERISTIC CURVES GUF30A THRU GUF30M 1 Rev.A5 www.gulfsemi.com |
Price & Availability of GUF30A |